Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download UML1C100MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ML
5mmL, Low Leakage Current
series
Low leakage current series with 5mm height. Adapted to the RoHS directive (2002/95/EC).
MA
Low Leakage Current
ML
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Rated Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 4 ~ 50V 0.1 ~ 100F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.002CV or 0.4 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.35
6.3 0.24 4 7 15
10 0.20 6.3 4 10
16 0.16 10 3 8
25 0.14 16 2 6 25 2 4
35 0.12 35 2 3
50 0.10 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) d
Type numbering system (Example : 10V 33F)
1 2 3 4 5 6 7 8 9 10 11
UML 1A 3 3 0 MDD
Configuration
D+0.5 MAX
Capacitance tolerance ( 20%)
P 0.5
Rated capacitance (33F) Rated voltage (10V)
L+1MAX
15MIN
4MIN
(mm)
Serise name Type Configuration D 4 ~ 6.3
Pb-free leadwire Pb-free PET sleeve
D
4
5 2.0 0.45
6.3 2.5 0.45
P 1.5 d 0.45
DD
Dimensions
Cap.(F) V Code
4 0G
6.3 0J
10 1A
16 1C
25 1E
35 1V
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101
0.5 x 5 0.5 x 5 6.3 x 5
28 33 56
0.4 x 5 0.5 x 5 0.5 x 5 6.3 x 5
28 37 45 70
0.5 x 5 0.5 x 5 6.3 x 5
33 41 52
0.4 x 5 0.5 x 5 6.3 x 5 6.3 x 5
23 37 49 58
0.4 x 5 0.5 x 5 6.3 x 5 6.3 x 5
16 27 42 52
0.4 x 5 0.5 x 5 6.3 x 5
18 29 46
50 1H 0.4 x 5 0.4 x 5 0.4 x 5 0.4 x 5 0.4 x 5 0.4 x 5 0.5 x 5 0.5 x 5 6.3 x 5
1.0 2.0 2.8 4.0 8.4 13 17 20 33
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UML1C100MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X